PART |
Description |
Maker |
GL382 |
IrDA-Based SIR System-Conforming Infrared Emitting Diode
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
TOIM4232-TR1 |
TOIM4232 SIR Endec for IrDA® Applications Integrated Interface Circuit
|
Vishay Semiconductors
|
TFDU4300-TT3 TFDU4300-TR1 TFDU4300-TR3 TFDU4300-TT |
Infrared Transceiver Module (SIR, 115.2 kbit/s)\r\nfor IrDA? applications Strain Relief; No. of Contacts:14; Contact Termination:Cable RoHS Compliant: Yes
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
TFDU4101 TFDU4101-TT3 TFDU410107 TFDU4101-TR3 |
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA? Applications Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA庐 Applications Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA㈢ Applications
|
Vishay Siliconix
|
TFBS6711-TR3 TFBS6711-TR1 TFBS6712-TR3 TFBS6712-TR |
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications with Low voltage Logic (1.8 V)
|
VISAY[Vishay Siliconix]
|
TFDU7100 TFDU7100-TR3 TFDU7100-TT3 |
Infrared Transceiver Module (FIR, 4 Mbit/s) for IrDA combined with Remote Control Receiver (36 kHz to 38 kHz Carrier)
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
RPM973-H11 |
Ultra-compact, Ultra-thin Side View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
|
Rohm
|
HSDL-3612 HSDL-3612-007 HSDL-3612-008 HSDL-3612-03 |
HSDL-3612-037 · 1m SIR 3V TRANSCEIVER HSDL-3612-008 · IrDA 1.0 Data Compliant 115.2Kb/s 3-5V Infrared Transceiver HSDL-3612-007 · IrDA 1.0 Data Compliant 115.2Kb/s 3-5V Infrared Transceiver HSDL-3612-038 · IrDA 1.0 Data Compliant 115.2Kb/s 3-5V Infrared Transceiver IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
MCP2155 MCP2155-I_P MCP2155-I_SO MCP2155I_SS MCP21 |
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations ItDA Standard Protocol Stack Controller Supporting DCE Applications MCP2155 provided IrDA protocol handling PLUS bit encoding/decoding functionality for Data Communication Equipment (DCE) applications ...
|
Microchip Technology
|
MSM9405 |
IrDA Communication Controller From old datasheet system
|
OKI electronic components OKI[OKI electronic componets]
|
LZ8520X |
IrDA-Control Single-Chip Host Controller (HC)
|
Sharp Electrionic Compo... Sharp Electrionic Components
|
SC16C652BIBS151 SC16C652BIB48157 SC16C652BIB48151 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|